Part Number Hot Search : 
AD8602AR 71WS256 200GB T600C A1774 2SD668 ADP7105 A12BB
Product Description
Full Text Search
 

To Download 2SB925 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB925 2SB925A
DESCRIPTION *With TO-220C package *Low collector saturation voltage *High speed switching APPLICATIONS *For low voltage switching applications
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL PARAMETER 2SB925 VCBO Collector-base voltage 2SB925A 2SB925 VCEO Collector-emitter voltage 2SB925A VEBO IC ICM PC Tj Tstg Emitter-base voltage Collector current (DC) Collector current-Peak Collector power dissipation Junction temperature Storage temperature TC=25 Open collector Open base -40 -5 -7 -12 30 150 -50~150 V A A W Open emitter -50 -20 V CONDITIONS VALUE -40 V UNIT
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2SB925 IC=-10mA; IB=0 2SB925A IC=-5A; IB=-0.16A IC=-5A; IB=-0.16A VCB=-40V; IE=0 CONDITIONS SYMBOL
2SB925 2SB925A
MIN -20
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V -40 -0.6 -1.5 V V
VCEsat VBEsat
Collector-emitter saturation voltage Base-emitter saturation voltage 2SB925 2SB925A
ICBO
Collector cut-off current
-50 VCB=-50V; IE=0 VEB=-5V; IC=0 IC=-0.1A ; VCE=-2V IC=-2A ; VCE=-2V IE=0 ; VCB=-10V;f=1MHz IC=-0.5A ; VCE=-10V 45 60 140 150 260 -50
A
IEBO hFE-1 hFE-2 Cob fT
Emitter cut-off current DC current gain DC current gain Output capacitance Transition frequency
A
pF MHz
Switching times ton tstg tf Turn-on time Storage time Fall time IC=-2A ; IB1=-IB2=-66mA 0.1 0.5 0.1 s s s
hFE-2 Classifications R 60-120 Q 90-180 P 130-260
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB925 2SB925A
Fig.2 Outline dimensions (unindicated tolerance:0.10mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB925

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X